Part Number Hot Search : 
QS3384QG BSS414 BFQ65 AD7569AQ APT30 04598 BC856 S50085
Product Description
Full Text Search
 

To Download AL05-100-MA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EPOXY COATED INDUCTORS
RESISTORS CAPACITORS COILS DELAY LINES
AL SERIES
RoHS
Term.W is RoHS compliant & 260C compatible
H1
L

d
D
1 Lead length applies to loose units (for taped parts refer to T&R specification)
Widest selection in the industry! Delivery typically from stock Premium grade materials enable high current, SRF, Q, and temperature ratings Low cost due to automated production
Induc. Induc. Test Freq. (MHz ) (H) code .10 .12 .15 .18 .22 .27 .33 .39 .47 .56 .68 .82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 1000 1100 1200 1300 1500 1600 1800 2200 R10 R12 R15 R18 R22 R27 R33 R39 R47 R56 R68 R82 1R0 1R2 1R5 1R8 2R2 2R7 3R3 3R9 4R7 5R6 6R8 8R2 100 120 150 180 220 270 330 360 390 430 470 510 560 620 680 750 820 910 101 111 121 131 151 161 181 201 221 241 271 301 331 361 391 431 471 511 561 621 681 751 821 911 102 112 122 132 152 162 182 222 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .796 .252 .252 .252 .252 .252 .252 .252
Te mp e ra ture Ra ng e
-25C to +105C 1000 M Mi n. 500 VA C +50 to +500ppm/C
Insula ti o n Re si sta nce
D i e le c tri c Stre ng th TC o f Ind ucta nce (typ )
RCD Type A L02 A L03 A L05
L D d .04 [1] .03 [.76] Typ. .125 [3.2] .078 [2.0] .020 [.50]
H1 Min. .94 [24]
.250 [6.3] .090 [2.3] .020 [.50] 1.0 [25.4] .350 [8.9] .135 [3.4] .025 [.64] 1.0 [25.4]
MODEL AL02
Q Min. 35 35 35 35 35 35 35 35 35 35 35 35 35 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 SR F (MHz ) 450 450 450 450 450 410 360 300 230 210 190 170 150 110 80 60 45 40 38 35 32 30 28 26 24 22 20 18 17 16 14 13 13 12 12 11 11 10 10 9.5 9.5 9.2 9.0 8.5 8.0 6.5 6.0 5.7 5.5 5.2 5.0 4.7 4.6 4.4 4.2 3.9 3.8 3.6 3.5 DCR Rated DC* Max.() Current (mA) 700 .18 660 .20 620 .22 600 .24 400 .4 380 .43 370 .48 350 .51 330 .56 320 .61 310 .67 290 .74 270 .80 260 .90 250 1.0 240 1.1 230 1.2 220 1.3 210 1.4 200 1.6 190 1.7 180 1.9 175 2.0 165 2.2 160 2.5 150 2.5 145 2.8 140 3.1 130 3.4 80 4.3 76 4.7 75 5.0 74 5.2 72 5.5 70 5.8 69 6.1 68 6.4 66 6.8 64 7.2 55 9.5 46 11 45 11.5 44 12 43 12.5 42 13 40 15 39 16 38 17 37 18 36 19 35 20 30 22 28 25 27 28 26 30 25 32 25 34 24 36 24 38 Q Min. 45 45 45 45 45 45 45 45 45 45 45 45 45 45 45 45 45 45 45 45 45 50 50 50 50 45 45 50 50 50 45 45 45 45 50 50 50 50 50 50 50 50 50 45 45 45 45 45 45 45 45 45 45 45 45 45 45 45 45 45 45 45 45 45 45 45 45
MODEL AL03
SR F (MHz ) 500 480 470 460 450 410 360 310 300 280 200 180 230 160 140 120 110 95 75 65 56 48 36 25 20 18 15 12 10 9 8 7.7 7.5 7.2 7.0 6.7 6.5 6.2 6.0 5.7 5.5 5.2 5.0 4.9 4.8 4.6 4.5 4.2 4.0 3.7 3.5 3.2 3.0 2.9 2.8 2.7 2.6 2.5 2.4 2.2 2.0 1.9 1.8 1.7 1.6 1.5 1.4 DCR Max.() .08 .09 .10 .12 .14 .16 .22 .30 .35 .50 .60 .70 .72 .75 .76 .77 .60 .65 .85 1.00 1.20 1.80 2.00 2.70 3.70 2.70 2.80 3.10 3.30 3.50 3.5 3.6 3.6 4.1 4.5 5.1 5.7 6.2 6.7 7.0 7.3 7.7 8 11 13 14 15 16 17 19 21 23 25 27 28 32 35 39 42 44 46 54 60 63 65 69 72 Rated DC* Current (mA) 1350 1270 1200 1105 1025 960 815 700 650 545 495 415 385 590 535 455 395 355 270 250 230 185 175 165 160 155 150 145 140 135 130 127 125 117 110 105 105 100 100 95 95 93 90 90 90 87 85 83 80 77 75 70 65 63 60 57 55 55 55 52 50 47 45 42 40 40 40 Q Min. 50 50 50 45 50 45 45 45 45 50 50 50 50 50 50 50 50 60 60 60 70 70 70 80 65 60 60 60 60 55 55 50 50 45 45 45 45 40 40 40 35 35 30 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 55 55 55 55 50 30 30 30 30 30 30 30
MODEL AL05
SR F (MHz ) 525 525 525 420 380 370 360 320 310 280 250 220 200 180 160 150 135 120 110 100 90 74 68 53 45 34 20 14 9.9 7.6 6.5 6.5 6.5 6.4 6.3 6.2 6.2 5.9 5.7 5.5 5.3 5.0 4.8 4.0 3.8 3.6 3.5 3.2 3.0 2.9 2.8 2.7 2.6 2.4 2.4 2.3 2.3 2.2 2.2 2.1 2.1 2.0 1.9 1.9 1.8 1.5 1.4 1.3 1.2 1.1 1.0 1.0 1.0 1.0 DCR Rated DC* Max. () Current (mA) 2000 .06 1800 .06 1650 .07 1600 .07 1400 .08 1320 .09 1280 .10 1200 .12 1150 .13 1100 .14 1030 .16 980 .17 920 .18 880 .19 830 .21 790 .23 750 .25 720 .27 670 .32 640 .36 620 .40 590 .45 550 .50 530 .60 500 .65 480 .70 460 .75 430 .80 410 .90 390 1.00 370 1.10 360 1.15 350 1.20 345 1.25 340 1.30 330 1.40 320 1.50 310 1.70 305 1.80 295 1.90 290 2.00 280 2.30 275 2.50 200 3.10 185 3.70 180 4.00 175 4.20 170 4.40 165 4.60 160 4.90 155 5.1 150 5.6 145 6.0 140 6.3 137 6.5 135 7.0 133 7.5 129 8.0 126 8.5 123 9.0 120 9.5 117 11 113 12 109 13 105 14 95 18 85 20 64 30 63 40 61 49 59 52 58 54 56 56 46 58
* Current rating is based on ambient temp of 90C or less, derate 4%/C above 90C
OPTIONS
Improved Q & SRF levels Increased current & temp ratings Reduced DC Resistance Non-magnetic construction (opt.Y) Inductance testing at 1KHz (opt.55)
MARKING
Units are color banded with inductance value and tolerance (except AL02 which is typically not marked with tolerance band).
P/N DESIGNATION:
AL05
-
101 - K
TW
RCD Type Options: Y, 55 (leave blank if std) Inductance (uH): 2 digits & multiplier (R10=0.1uH,1R0=1uH, 100= 10uH) Tolerance Code: K=10% (standard), M=20%, J=5% Packaging: B=Bulk, T=T&R, A=Ammo; AL02 only avail. as Ammo or cut Ammo (B) Termination: W = Lead-free, Q = Tin/Lead (leave blank if either is acceptable)
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
FA034A Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
100


▲Up To Search▲   

 
Price & Availability of AL05-100-MA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X